Part Number Hot Search : 
4PB642 200P60 HERS104G R1173X MC33179P A5800578 HERS104G 2SC5692
Product Description
Full Text Search
 

To Download CD4148WP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CD4148WP
SMALL-SIGNAL CHIP DIODE
1206
.085(2.16)
.025(.635)
.067(1.70)
FEATURES
This diode is also available other case styles Including the 0805 case with the type designation CD4148WSP and the 0603 case with the type , Designation CD4148WTP Silicon Epitaxial Planar Diode Fast switching diode.
MECHANICAL DATA
Case 1206 Weight Approx. 10mg Marking Cathode band
Absolute Maxmum Ratings & Thermal Characteristics Tamb=25 C, unless otherwise specified
o
PARAMETER Reverse Voltage Peak Reverse Voltage Forward Continuous current Average rectified current sin half wave rectification with resistive load f =50Hz Surge Forward Current t 1S and TJ=250C Power dissipation Typical Thermal Resistance Junction to Ambiant Air Junction Temperature Storage Temperature 1) Valid provided that electrodes are kept at ambient temperature
SYMBOL VR VRM IFM IF(AV) IFSM Ptot R
JA
VALUE 75 100 300 150
1)
UNITS
Volts Volts mA mA mA mW K/W
0
500 400 375
1) 1)
TJ TS
175 -65 to +175
C C
0
Electrical Characteristics Tamb=25 C, unless otherwise specified
o
PARAMETER Forward voltage IF=10mA VR=20V Leakage current VR=75V VR=20V, TJ=1500C Capacitance VF=VR=0V
SYMBOL VF
Min
Max 1.0 25
UNIT V nA uA uA pF
IR
5.0 50
Ctot
4
Voltage rise when switching ON tested with 50mA pulses, tp= 0.1us, rise time < 30ns fp= (5 to 100) KHz Reverse recovery time Rectification efficiency IF=10mA to IR=1mA, VR=6V, RL=100 F=100MHz, VRF=2V TRR r 45 4 nS % VFR 2.5 V
www.paceleader.tw
1
CD4148WP
SMALL-SIGNAL CHIP DIODE
Crownpo Technology
www.paceleader.tw
2


▲Up To Search▲   

 
Price & Availability of CD4148WP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X