Part Number Hot Search : 
UF5400 LT44301 R15M03 E1C47 BD899A D1065 OL5200N BRY56
Product Description
Full Text Search
 

To Download BH7673G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1/4
Structure Product name Type Package Features

Silicon Monolithic Integrated Circuit 1 circuit video isolation amp
BH7673G
SSOP5 1) 2) 3) 4) 5) 6) 7) SSOP5 small package Bias input Low circuit current consumption High common mode rejection ratio Wide output dynamic range High input impedance Wide band [suitable for D4 standard]
Absolute Maximum Ratings (Ta=25) Parameter Symbol Limits Supply voltage VCC 7 Power dissipation Pd 540 Input voltage range VIN 0VCC+0.2 Operating temperature Topr -40+85 Storage temperature Tstg -55+125 *1 When mounting on a 70mmX70mmX1.6mm PCB board Reduced by 5.4mW/ at 25 or higher Operating Condition (Ta=25) Parameter Symbol Min Typ Max Unit Supply voltage VCC 4.5 5.0 5.5 V * This product is not designed for protection against radioactive rays
Unit V mW V
REV. A
2/4
Electrical characteristics Unless otherwise specified, Ta= Parameter Symbol Min. Typ. Circuit current ICC 4.8 Maximum output level VOM 3.2 3.8 Voltage gain GV -1.0 0.0 Frequency characteristics GF -1.0 0.0 Common mode rejection ratio CMRR -60 Input Impedance ZIN 110 150
25, VCC=5.0V Max. Unit Conditions 8.0 mA No signal Vpp f=10kHz, THD=1.0% 1.0 dB Vin=1.0Vpp, f=1MHz 1.0 dB Vin=1.0Vpp, f=10MHz/1MHz -40 dB Vin=1.0Vpp, f=20kHz 190 k
Block diagram
VOUT
VGND
1
GND
5
2
VCC VIN
3
4
Pin number and Pin name
Pin Number 1 2 3 4 5
Pin name VOUT GND VCC VIN VGND
REV. A
3/4
Test Circuit Diagrams
47F
VOUT
VGND
1
V
2k
5
4.7F
GND
2
10F 0.1F
VCC
VIN
3
A
VCC
4
4.7F 50
External dimensions and label codes
A
Lot No.
SSOP5 ( UNITmm )
REV. A
4/4
Cautions for use (1) Absolute maximum ratings If the absolute maximum ratings for applied voltage and/or operation temperature are exceeded, LSI damage may result. Therefore, do not apply voltage or use in a temperature that exceeds these absolute maximum ratings. If it is possible that absolute maximum ratings will be exceeded, use a physical safety device such as a fuse and make sure that no conditions that might exceed the absolute maximum ratings will be applied to the LSI IC. (2) GND potential Regardless of the operation mode, the voltage of the GND pin should be at least the minimum voltage. Actually check whether or not the voltage at each pin, including transient phenomena, is less than the GND pin voltage. (3) Thermal design The thermal design should be done using an ample margin that takes into consideration the allowable dissipation under actual use conditions. (4) Shorts between pins and mounting errors When mounting LSI ICs onto the circuit board, make sure each LSI's orientation and position is correct. The ICs may become damaged if they are not mounted correctly when the power is turned on. Similarly, damage may also result if a short occurs, such as when a foreign object is positioned between pins in an IC, or between a pin and a power supply or GND connection. (5) Operation in strong electromagnetic field When used within a strong electromagnetic field, evaluate carefully to avoid the risk of operation faults. (6) Frequency response About frequency response in f10MHz, refer to technical note.
REV. A
Notice
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the consent of ROHM Co.,Ltd. The content specified herein is subject to change for improvement without notice. The content specified herein is for the purpose of introducing ROHM's products (hereinafter "Products"). If you wish to use any such Product, please be sure to refer to the specifications, which can be obtained from ROHM upon request. Examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the Products. The peripheral conditions must be taken into account when designing circuits for mass production. Great care was taken in ensuring the accuracy of the information specified in this document. However, should you incur any damage arising from any inaccuracy or misprint of such information, ROHM shall bear no responsibility for such damage. The technical information specified herein is intended only to show the typical functions of and examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by ROHM and other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. The Products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, communication devices, electronic appliances and amusement devices). The Products specified in this document are not designed to be radiation tolerant. While ROHM always makes efforts to enhance the quality and reliability of its Products, a Product may fail or malfunction for a variety of reasons. Please be sure to implement in your equipment using the Products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM shall bear no responsibility whatsoever for your use of any Product outside of the prescribed scope or not in accordance with the instruction manual. The Products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-controller or other safety device). ROHM shall bear no responsibility in any way for use of any of the Products for the above special purposes. If a Product is intended to be used for any such special purpose, please contact a ROHM sales representative before purchasing. If you intend to export or ship overseas any Product or technology specified herein that may be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to obtain a license or permit under the Law.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact us.
ROHM Customer Support System
http://www.rohm.com/contact/
www.rohm.com (c) 2009 ROHM Co., Ltd. All rights reserved.
R0039A


▲Up To Search▲   

 
Price & Availability of BH7673G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X