Part Number Hot Search : 
751R0421 CM100D NT625R B1203 ZB4BA131 EL7144 B13007D 5F212
Product Description
Full Text Search
 

To Download B82111E0000C020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inductors
VHF chokes
Series/Type: Date: B82111E March 2008
7ffARspp
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
VHF chokes
B82111E
Rated voltage 500 V AC/DC Rated current 0.1 A to 6 A Rated inductance 7 NH to 1200 NH Construction
Ferrite cylinder core Winding: single-layer, enamel copper wire Polyester insulating sleeve
Features

High resonant frequency Wide inductance range Design complies with EN 60938 Suitable for wave soldering RoHS-compatible
Applications
RF blocking and filtering Interference suppression in small appliances Decoupling in telecommunications
and entertainment electronics Terminals
Central axial leads Base material Cu Hot-dip tinned with pure tin
Marking LR and IR in clear text Delivery mode and packing unit
Taped and reeled Packing unit: 1000 pcs./reel
Please read Cautions and warnings and Important notes at the end of this document.
2
03/08
VHF chokes
B82111E
Dimensional drawing
73 _ 1 90.5
o0.8
26 max.
d max.
100.5 100.5
30 min.
IND0151-A
27.4 max.
*)
1.2 max.
*)
*)
Tolerance over 10 spacings 2 mm
Dimensions in mm
IND0150-S-E
Reel packing B82111E*C020, C029
325
97+1 109 max.
IND0625-B
B82111E*C021 ... C028
o30.50.15
o126+1 o133
o360 _ 1
30
95+1 107 max.
30
Label
IND0451-4-E
Dimensions in mm
Please read Cautions and warnings and Important notes at the end of this document.
3
03/08
VHF chokes
B82111E
Technical data and measuring conditions Test voltage Vtest Rated inductance LR 2500 V AC, 1 min Measured with LCR meter Agilent 4284A or impedance analyzer Agilent 4294A = 1 MHz Measuring frequency: LR 10 H 10 H < LR 1000 H = 100 kHz LR > 1000 H = 10 kHz Measuring voltage: 1V Measuring temperature: 20 C 20% 60 C Maximum permissible DC current at rated temperature Measured at 20 C, tolerance 20%, typical values Measured with Agilent 4294A or 8753ES, 20 C, tolerance 30% Sn95.5Ag3.8Cu0.7: (245 5) C, (3 0.3) s Wetting of soldering area 90% (to IEC 60068-2-20, tst Ta) (260 5) C, 10 s (to IEC 60068-2-20, test Tb) 30 N (to IEC 60068-2-21, test Ua) 55/125/56 (to IEC 60068-1) Mounted: -55 C ... +125 C Packaged: -25 C ... +40 C, 75% RH
Inductance tolerance Rated temperature TR Rated current IR DC resistance Rtyp Resonance frequency fres Solderability (lead-free)
Resistance to soldering heat (wave soldering) Tensile strength of leads Climatic category Storage conditions
Mounting information When bending the leads, take care that the bending point is at least 3 mm apart from the face ends of the core and that the start-of-winding areas are not subjected to any mechanical stress.
Please read Cautions and warnings and Important notes at the end of this document.
4
03/08
VHF chokes
B82111E
Characteristics and ordering codes IR A 0.1 0.2 0.3 0.5 1 1.5 2 3 4 6 LR H 1200 680 470 220 100 56 40 22 12 7 Rtyp 34 14 6.5 2.6 0.65 0.30 0.18 0.07 0.04 0.02 fres MHz 16 19 25 32 55 70 90 110 140 180 Approx. weight g 2.2 2.2 2.3 2.3 2.5 2.7 3.0 3.3 3.5 3.6 Dimensions dmax mm 6.0 6.0 6.0 6.5 6.5 6.5 7.0 7.0 7.5 7.5 Ordering code
B82111E0000C029 B82111E0000C028 B82111E0000C027 B82111E0000C026 B82111E0000C025 B82111E0000C024 B82111E0000C023 B82111E0000C022 B82111E0000C021 B82111E0000C020
Impedance |Z| versus frequency f measured with impedance analyzer Agilent 4294A or S-parameter network analyzer Agilent 8753ES, typical values at 20 C
10 6 |Z | 10 5 C029 C028 C027 C026
IND0152-S
Current derating Iop/IR versus ambient temperature TA (rated temperature TR = 60 C)
1.2 I op IR
IND0143-T-E
B82111E
1.0
0.8
10 4
0.6
10
3
C025 C024 C023 C022 C021 C020 10 7 10 8 Hz f 10 9
0.4
0.2
10 2 6 10
0
0
20
40
60
80
100
C
TA
140
Please read Cautions and warnings and Important notes at the end of this document.
5
03/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets. - Particular attention should be paid to the derating curves given there. - The soldering conditions should also be observed. Temperatures quoted in relation to wave soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
- Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
6
03/08
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. 7 03/09


▲Up To Search▲   

 
Price & Availability of B82111E0000C020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X