Part Number Hot Search : 
LBN09019 5602M TP1105 UM3311W PC250 18F67 AT89C5 2SC44
Product Description
Full Text Search
 

To Download APTC90H12SCTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTC90H12SCTG
Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
VBUS CR1A CR3A
VDSS = 900V RDSon = 120m max @ Tj = 25C ID = 30A @ Tc = 25C
Application * Motor control * Switched Mode Power Supplies * Uninterruptible Power Supplies Features *
G3 S3
Q1
CR1B
CR3B
Q3
G1 S1 CR2A OUT1 OUT2 CR4A
Q2
CR2B
CR4B
*
Ultra low RDSon Low Miller capacitance Ultra low gate charge Avalanche energy rated
Q4
G2 S2 NTC1 0/VBUS NTC2
G4 S4
Parallel SiC Schottky Diode - Zero reverse recovery - Zero forward recovery - Temperature Independent switching behavior - Positive temperature coefficient on VF Kelvin source for easy drive Very low stray inductance - Symmetrical design - Lead frames for power connections Internal thermistor for temperature monitoring High level of integration
* * * *
G3 S3
G4 S4
OUT2
VBUS
0/VBUS
OUT1
S1 G1
S2 G2
NTC2 NTC1
Absolute maximum ratings
Symbol VDSS ID IDM VGS RDSon PD IAR EAR EAS Parameter Drain - Source Breakdown Voltage Continuous Drain Current
Benefits * Outstanding performance at high frequency operation * Direct mounting to heatsink (isolated package) * Low junction to case thermal resistance * Solderable terminals both for power and signal for easy PCB mounting * Low profile * RoHS Compliant Max ratings 900 30 23 75 20 120 250 8.8 2.9 1940 Unit V A V m W A mJ
APTC90H12SCTG - Rev 1 September, 2009
Tc = 25C Tc = 80C
Pulsed Drain current Gate - Source Voltage Drain - Source ON Resistance Maximum Power Dissipation Avalanche current (repetitive and non repetitive) Repetitive Avalanche Energy Single Pulse Avalanche Energy
Tc = 25C
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-6
APTC90H12SCTG
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic IDSS RDS(on) VGS(th) IGSS Zero Gate Voltage Drain Current Drain - Source on Resistance Gate Threshold Voltage Gate - Source Leakage Current Test Conditions
VGS = 0V,VDS = 900V VGS = 0V,VDS = 900V
Min Tj = 25C Tj = 125C 2.5
Typ 500 100 3
Max 100 120 3.5 100
Unit A m V nA
VGS = 10V, ID = 26A VGS = VDS, ID = 3mA VGS = 20 V, VDS = 0V
Dynamic Characteristics
Symbol Characteristic Ciss Input Capacitance Coss Output Capacitance Qg Qgs Qgd Td(on) Tr Td(off) Tf Eon Eoff Eon Eoff Total gate Charge Gate - Source Charge Gate - Drain Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Turn-on Switching Energy Turn-off Switching Energy Turn-on Switching Energy Turn-off Switching Energy Test Conditions VGS = 0V ; VDS = 100V f = 1MHz VGS = 10V VBus = 400V ID = 26A Inductive Switching (125C) VGS = 10V VBus = 600V ID = 26A RG = 7.5 Inductive switching @ 25C VGS = 10V ; VBus = 600V ID = 26A ; RG = 7.5 Inductive switching @ 125C VGS = 10V ; VBus = 600V ID = 26A ; RG = 7.5 Min Typ 6800 330 270 32 115 70 20 400 25 900 750 1278 867 J ns nC Max Unit pF
J
Series diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage IF = 30A IF = 60A IF = 30A trr Qrr Reverse Recovery Time Reverse Recovery Charge IF = 30A VR = 133V Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
di/dt = 200A/s
Test Conditions VR=200V Tj = 25C Tj = 125C Tc = 85C
Min 200
Typ
Max 250 500
Unit V A A
30 1.1 1.4 0.9 24 48 33 150
1.15 V
APTC90H12SCTG - Rev 1 September, 2009
ns nC
www.microsemi.com
2-6
APTC90H12SCTG
Parallel diode ratings and characteristics
Symbol Characteristic VRRM Maximum Peak Repetitive Reverse Voltage IRM IF VF QC Q Maximum Reverse Leakage Current DC Forward Current Diode Forward Voltage Total Capacitive Charge Total Capacitance IF = 10A Test Conditions VR=1200V Tj = 25C Tj = 175C Tc = 100C Tj = 25C Tj = 175C Min 1200 Typ 32 56 10 1.6 2.3 40 96 69 Max 200 1000 1.8 3 Unit V A A V nC pF
IF = 10A, VR = 600V di/dt =500A/s f = 1MHz, VR = 200V f = 1MHz, VR = 400V
Thermal and package characteristics
Symbol Characteristic RthJC VISOL TJ TSTG TC Torque Wt Junction to Case Thermal Resistance Transistor Series diode Parallel SiC diode 4000 -40 -40 -40 2.5 Min Typ Max 0.5 1.2 1.8 150 125 100 4.7 160 Unit C/W V C N.m g
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight
To Heatsink
M5
Temperature sensor NTC (see application note APT0406 on www.microsemi.com for more information).
Symbol R25 R25/R25 B25/85 B/B Characteristic Resistance @ 25C T25 = 298.15 K TC=100C
RT = R25 1 1 RT: Thermistor value at T exp B25 / 85 T - T 25
T: Thermistor temperature
Min
Typ 50 5 3952 4
Max
Unit k % K %
www.microsemi.com
3-6
APTC90H12SCTG - Rev 1 September, 2009
APTC90H12SCTG
SP4 Package outline (dimensions in mm)
ALL DIMENSIONS MARKED " * " ARE TOLERENCED AS :
See application note APT0501 - Mounting Instructions for SP4 Power Modules on www.microsemi.com
Typical CoolMOS Performance Curve
250 200 150
ZCS VDS=600V D=50% RG=7.5 TJ=125C TC=75C
RDS(on), Drain to Source ON resistance (Normalized)
Operating Frequency vs Drain Current
ON resistance vs Temperature 3.0 2.5 2.0 1.5 1.0 0.5 25 50 75 100 125 150 TJ, Junction Temperature (C) Switching Energy vs Gate Resistance
Frequency (kHz)
ZVS
100 50 0 10 12.5 15 17.5 20 22.5 25 ID, Drain Current (A)
Hard switching
Switching Energy vs Current 2 Eon and Eoff (mJ) 2 1 1 0 5 10 15 20 25 30 ID, Drain Current (A) 35 40
VDS=600V RG=7.5 TJ=125C L=100H Eon
3 Switching Energy (mJ)
Eoff
2
Eon
Eoff
1
VDS=600V ID=26A TJ=125C L=100H
0 5 10 15 20 25 30 35 Gate Resistance (Ohms)
www.microsemi.com
4-6
APTC90H12SCTG - Rev 1 September, 2009
APTC90H12SCTG
0.6 Thermal Impedance (C/W) 0.5 0.4 0.3 0.2 0.1 Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9 0.7 0.5 0.3 0.1 0.05 Single Pulse
0 0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds) Low Voltage Output Characteristics
VGS=20, 8V
80
6V
BVDSS, Drain to Source Breakdown Voltage
120 ID, Drain Current (A)
Breakdown Voltage vs Temperature 1000 975 950 925 900 25 50 75 100 125 TJ, Junction Temperature (C) DC Drain Current vs Case Temperature 35 ID, DC Drain Current (A) 30 25 20 15 10 5 0 25 50 75 100 125 TC, Case Temperature (C) 150
5V
40
0 0 5 10 15 VDS, Drain to Source Voltage (V) Maximum Safe Operating Area 1000 ID, Drain Current (A) 20
100
limited by RDSon
100 s
10
10 ms
1
Single pulse TJ=150C TC=25C 1 10 100 1000
0.1 VDS, Drain to Source Voltage (V) Capacitance vs Drain to Source Voltage VGS, Gate to Source Voltage (V) 100000 C, Capacitance (pF) 10000 1000 100 10 1 0 25 50 75 100 125 150 175 200 VDS, Drain to Source Voltage (V) Crss Ciss 10 8 6 4
Gate Charge vs Gate to Source Voltage VDS=400V ID=26A TJ=25C
Coss
0 0 50 100 150 200 Gate Charge (nC) 250 300
www.microsemi.com
5-6
APTC90H12SCTG - Rev 1 September, 2009
2
APTC90H12SCTG
Typical SiC Diode Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 2 Thermal Impedance (C/W) 0.9 1.6 0.7 1.2 0.8 0.4 0.5 0.3 0.1 0.05 0 0.00001 0.0001 0.001 Single Pulse
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds) Forward Characteristics
TJ=25C
Reverse Characteristics 100 IR Reverse Current (A)
20
IF Forward Current (A)
15 10
TJ=75C
75
50
TJ=125C
TJ=75C TJ=125C TJ=175C TJ=25C
5 0 0 0.5 1 1.5 2
TJ=175C
25
2.5
3
3.5
0 400
600
VF Forward Voltage (V) Capacitance vs.Reverse Voltage
800 1000 1200 1400 1600 VR Reverse Voltage (V)
700 C, Capacitance (pF) 600 500 400 300 200 100 0 1
APTC90H12SCTG - Rev 1 September, 2009
10 100 VR Reverse Voltage
1000
"COOLMOSTM comprise a new family of transistors developed by Infineon Technologies AG. "COOLMOS" is a trademark of Infineon Technologies AG". Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
6-6


▲Up To Search▲   

 
Price & Availability of APTC90H12SCTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X