Part Number Hot Search : 
31213 MP9942GJ R6220855 AM29DL32 HT9312AT ADE7754 BZT5243B 24128
Product Description
Full Text Search
 

To Download AA-1249-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AA-1249-6
The 1249 filter is a compact, single phase, device with very good common mode and differential mode insertion loss. It is useful in systems using DC Motors, relays and power supplies with inductive inputs. The insertion loss has been designed to meet the European Level "B" conducted Emission requirements.
Operating Voltage = 115 / 250 V~ Operating Current = 6A Operating Frequency = 50 / 60 Hz Temperature Range = -20 To 50 Deg. C Diel. Withstnd (L -Case) = 1500 V~ For 1 Min. Diel. Withstnd (L -L) = 1500 Vdc For 1 Min. Leakage Current = 1.5Ma At 250 V~, 60 Hz Discharge Volts After 1 Sec = 34 V Max.
Order P/N: AA-1249-6
USA EUR
JMK Inc 15 Caldwell Dr. Amherst, NH 03031 JMK Inc Glasgow G13 1DN Scotland UK
PH: 603 886-4100 FX: 603 886-4115 email: info@jmkfilters.com PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884


▲Up To Search▲   

 
Price & Availability of AA-1249-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X