Part Number Hot Search : 
76M00 76M00 76M00 76M00 1212E SCM1104M SI2366DS SMCJ130
Product Description
Full Text Search
 

To Download A-70280-0107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0010897540 Active
2.54mm (.100") Pitch C-Grid(R) Breakaway Header, Dual Row, Vertical, High Temperature, 54 Circuits, 0.76m (30") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
Documents: 3D Model Drawing (PDF)
Product Specification PS-70280 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Product Name PCB Headers 70280 Board-to-Board, Wire-to-Board C-Grid(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 54 54 Black 50 No 94V-0 No No None None Copper Alloy Gold Tin 2 Vertical 0.110 In 2.79 mm No None 0.062 In 1.60 mm Bag 0.100 In 2.54 mm 30 0.75 75 1.875 No No No Yes -40C to +105C Through Hole
Search Parts in this Series 70280Series
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V
Solder Process Data
Lead-free Process Capability Process Temperature max. C SMC & Wave Capable (TH only) 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-70280 SDA-70280-0001-4000
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of A-70280-0107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X