Part Number Hot Search : 
CM100 GM82C765 24A05 ACT200A BY9210 YWL500 ETF02 FCA22N60
Product Description
Full Text Search
 

To Download 1050380001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
1050380001 Active
battery_connectors 2.00mm (.079") Pitch Battery Connector, SMT, Contact Width 7.00mm (.276"), Working Height 2.65mm (.104"), 4 Circuits, Lead-free
Documents: Drawing (PDF) Product Specification PS-105038-001 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Overview Product Name PCB Headers 105038 Board-to-Board battery_connectors Battery Connector, Compression Connector, One Piece
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 4 4 10,000 No No No None None Gold Gold High Temperature Thermoplastic 1 Vertical No None Embossed Tape on Reel 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 4 0.10 No No No No -40C to +85C Surface Mount
Search Parts in this Series 105038Series
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 200V (RMS)
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary
PK-105038-001 PS-105038-001 SD-105038-001 TS-105038-001
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 1050380001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X