Part Number Hot Search : 
1MA15 LA5614M 001591 Z12D5 90M6T 90M6T CPDB1 CM5008CW
Product Description
Full Text Search
 

To Download 0930700501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0930700501 Active
rast_25_connector_system 2.50mm (.098") Pitch Appli-Mate RAST 2.5 Header, Vertical, 4 Circuits, Glow Wire Compatible, with Latch, Positioning Keys None
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
UL E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Headers 93070 Wire-to-Board rast_25_connector_system RAST 2.5
Physical
Breakaway Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 4 4 Natural 10 No 94V-0 Yes No None Yes Brass Tin Tin Nylon 1 Vertical 0.130 In 3.30 mm Yes None 0.059 In 1.50 mm Carton 0.098 In 2.50 mm Yes No No -20C TO +120C Through Hole
Search Parts in this Series 93070Series
Electrical
Current - Maximum per Contact Voltage - Maximum 6A 32V
Material Info Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-93070-001 SD-93070-001
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0930700501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X