|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0915772310 Active 1.27mm (.050") Pitch Picoflex(R) PF-50 IDT Receptacle, Low Profile, Alternative Stagger, Board-In, 10 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-99020-0011 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Comments Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 91577 Low Profile One Piece No Board-In, Picoflex(R) Physical Circuits (Loaded) Color - Resin Entry Angle Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire/Cable Type 10 Yellow 90 Angle None Phosphor Bronze Tin Tin Polyester 2 No Yes 0.062 In 1.60 mm Tube - Stacked 0.050 In 1.27 mm 80.00 2.000 80.00 2.00 N/A Yes No No -40C to +105C Through Hole - Kinked Pin 1.00mm (.039") max. 26, 28 Ribbon Cable Search Parts in this Series 91577Series Mates With N/A Electrical Current - Maximum per Contact Voltage - Maximum 1.2A 250V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-99020-0011 SD-91577-001 This document was generated on 04/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0915772310 |