Part Number Hot Search : 
KF5N53F W005G D6433 U30D30C 1N3890 2MK35 UR13205 B102J
Product Description
Full Text Search
 

To Download 0900750027 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0900750027 Active
Modular Plug, Short Body, 4/4
Product Specification PS-90075 (PDF) RoHS Certificate of Compliance (PDF)
Agency Certification
UL E107635 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance?
Series
General
Product Family Series Component Type Magnetic Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 90075 Wire Plug No 3 N/A N/A
Physical
Boot Color Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire/Cable Type N/A Clear 500 94V-0 N/A None Phosphor Bronze Gold Tin Polycarbonate N/A None Bag 0.040 In 1.02 mm 0.040 In 1.02 mm 50.8 1.27 50 1.27 1 4/4 No -40C to +60C N/A No Flat Oval
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 90075Series Mates With FCC 68 Jacks... Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # IDT - Manual Press 0011201273 Parallel Action 0690081120 Handtool for 90075 Modular Plug, FCC 68, 4/4 Circuit, Short Body
Electrical
Current - Maximum per Contact Grounding to Panel Shielded Voltage - Maximum 1.5A N/A No 125V DC
Material Info
Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-90075 PK-90075-003 PS-90075 SDA-90075
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0900750027

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X