Part Number Hot Search : 
LMV358 8A712 L200C BAV19 4GIFD 1N4753 AS5115 BSERIES
Product Description
Full Text Search
 

To Download 0900590014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0900590014 Active
cgrid_iii|cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) Micro Shunt, Low Profile, 4mm" Gold Plating
Product Specification PS-90059 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Component Type Overview Product Name Accessories 90059 Shunt cgrid_iii|cgrid__sl_products C-Grid(R), C-Grid IIITM, SLTM
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Flammability Gender Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Temperature Range - Operating Termination Interface: Style 2 2 Natural 94V-0 Female None Phosphor Bronze Gold Nickel Polyester 1 Bag 4 0.1 40 1 -55C to +125C Surface Mount
Search Parts in this Series 90059Series Use With (0.64)/.025 square and round pins
Electrical
Current - Maximum per Contact 3A
Solder Process Data
Duration at Max. Process Temperature (seconds) Max. Cycles at Max. Process Temperature Process Temperature max. C 3 1 230
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-90059 SDA-90059
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0900590014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X