|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0877582850 Active milligrid 2.00mm (.079") Pitch Milli-GridTM Header, Through Hole, Vertical, 28 Circuits, 0.38m (15") Gold (Au) Selective Plating, Tray Packaging, Lead-free Documents: 3D Model Drawing (PDF) Product Specification PS-87761-100 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification UL General Product Family Series Application Overview Product Name PCB Headers 87758 Board-to-Board milligrid Milli-GridTM Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Shrouded Yes 28 28 Black 100 No 94V-0 No No None None 0.217 In 5.50 mm Phosphor Bronze Gold Tin Nylon 2 Vertical 0.102 In 2.60 mm No None 0.062 In 1.60 mm Tray 0.079 In 2.00 mm 0.079 In 2.00 mm 15 0.38 No No No Search Parts in this Series 87758Series Mates With 79107 Milli-GridTM Receptacle, Vertical, Through Hole. 79108 Milli-GridTM Flex-toBoard, Vertical Receptacle. Milli-GridTM Receptacle, Surface Mount. 79109. 87381 Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No Yes -55C to +105C Through Hole Electrical Current - Maximum per Contact Voltage - Maximum 2A 125V Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-87761-100 SD-87758-112 This document was generated on 05/25/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0877582850 |