Part Number Hot Search : 
BFP74009 00209 72201 1510W 74AUC1G 5KP180 NTE4965 BC200
Product Description
Full Text Search
 

To Download 0855075002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0855075002 Active
modular_plugs_jacks Modular Jack, Vertical, High Speed Shielded, Through Hole, Cat 5,without Ribs, 8 Circuits
Documents: 3D Model Drawing (PDF)
Application Specification (PDF) RoHS Certificate of Compliance (PDF)
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL E107635
General
Product Family Series Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 85507 PCB Jack No modular_plugs_jacks 5e N/A RJ45
Search Parts in this Series 85507Series Mates With FCC 68 Plugs
Physical
Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Retention Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Temperature Range - Operating Termination Interface: Style Wire/Cable Type Black 500 94V-0 No None Brass, Phosphor Bronze Gold Tin High Temperature Thermoplastic Vertical (Top Entry) Yes Tray 50.8 1.27 76 1.9 1 8/8 -40C to +80C Through Hole N/A
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 1.5A Yes 125V AC
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Sales Drawing AS-85513-001 PK-95022 SD-85507-501
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0855075002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X