Part Number Hot Search : 
ZX55C7V5 G421ESS3 G40N60C3 124ML LT6232 000001 SD1411 0M10V6
Product Description
Full Text Search
 

To Download 0850032995 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0850032995 Active
din_41612 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.25m (10") Selective Gold (Au), 32 Circuits, Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-85003-0001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Component Type Overview Product Name Style Backplane Connectors 85003 Daughtercard PCB Header din_41612 IEC 603-2/DIN 41612 C/2
Physical
Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 32 48 50 Yes 94V-0 No Yes 16 Open Pin Field 3 Right Angle 0.118 In 3.00 mm No Yes 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 0.100 In 2.54 mm Yes No No -55C to +125C Through Hole
Search Parts in this Series 85003Series Mates With 85042 , 85052 Backplane Header
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 2.5A 622.0 Mbps 250V AC (RMS)
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-85003-0001 SD-85003-2995
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0850032995

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X