Part Number Hot Search : 
1206C W18NK80Z 100FC IW1709 100FC MAX32 PM7205 SF103
Product Description
Full Text Search
 

To Download 0850032529 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0850032529 Active
din_41612 2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1m (40") Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, Lead free
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Overview Product Name Style Backplane Connectors 85003 Daughtercard PCB Header din_41612 IEC 603-2/DIN 41612 C
Physical
Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 96 96 500 Yes 94V-0 No Yes 16 Open Pin Field 3 Right Angle 0.118 In 3.00 mm No Yes 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 0.100 In 2.54 mm Yes No No -55C to +125C Through Hole
Search Parts in this Series 85003Series Mates With 85042 , 85052 Backplane Header
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 1A 622.0 Mbps 250V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Process Temperature max. C 10 Wave Capable (TH only) 260
Material Info Reference - Drawing Numbers
Sales Drawing SD-85003-2529
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0850032529

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X