Part Number Hot Search : 
12NK90Z SKI06073 8F400 GA128 041006KE 15A50 41791 BFU520A
Product Description
Full Text Search
 

To Download 0760920001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0760920001 Active
sfp_stacked_multiport_connectors Small Form-factor Pluggable Plus (SFP+) Stacked 2-by-4 Multi-Port Connector with 4 Lightpipe Ports, Elastomeric Gasket, 160 Circuits, Tin (Sn)/Lead(Pb) Tails
Documents: Drawing (PDF) 3D Model Application Specification (PDF)
Test Summary (PDF) RoHS Certificate of Compliance (PDF) image - Reference only LR19980 E29179 EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Agency Certification
CSA UL
General
Product Family Series Application Component Type Overview Product Name Type I/O Connectors 76092 Module-to-Board Receptacle sfp_stacked_multiport_connectors SFP Plus N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Plating Mating Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A 160 160 160 100 94V-0 Female None Yes Gold 2 Right Angle 0.081 In 2.07 mm Yes Yes 0.062 In 1.57 mm Tray No 0.031 In 0.80 mm 0.031 In 0.80 mm Yes Yes 8 Yes -40C to +85C Through Hole - Compliant Pin No
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 76092Series Use With 0759510999 SFP Dust Plug, Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # SFP Stacked Multi- 0622029920 Port Insertion Tool, 2 by 4 SFP Stacked Multi- 0622029940 Port Extraction Tool, 2 by 4
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 0.5A None EMI Gasket Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Sales Drawing AS-76090-001 PK-75450-001 SD-76092-001
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0760920001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X