Part Number Hot Search : 
01547 IPW60R STPS745M 3DD102E 1N5236 2SD21 NTE3882 78M12
Product Description
Full Text Search
 

To Download 0757300211 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0757300211 Active
extreme_micropower 4.00mm (.157") EXTreme MicroPowerTM Header, 11 Circuits, 3.81mm (.150") Tail Length
Documents: 3D Model Drawing (PDF)
Product Specification PS-75730-999 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 75730 Board-to-Board extreme_micropower EXTreme MicroPowerTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 11 11 Black No No No None No Copper Tin Tin High Temperature Thermoplastic 1 Right Angle 0.150 In 3.81 mm No Yes 0.066 In, 0.125 In 1.67 mm, 3.18 mm Tray 0.157 In 4.00 mm 0.157 In 4.00 mm 100 2.5 100 2.5 No No No No Yes -40C to +105C Through Hole
Search Parts in this Series 75730Series
Electrical
Current - Maximum per Contact Voltage - Maximum 16A 250V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-75730-118 PS-75730-999 SD-75730-118
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0757300211

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X