Part Number Hot Search : 
EDZ16 2RS280SG MBR40100 ONTROL P5NK8 SMC51 39525 MMBT5179
Product Description
Full Text Search
 

To Download 0743002155 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0743002155 Active
hdm 2.00mm (.079") Pitch HDM(R) Board-to-Board Daughtercard Receptacle, Vertical, Signal Module, with Guide, 72 Circuits, Mounted Height 15.00mm (.512"), Press-Fit Pin Length 3.50mm (.138")
Documents: 3D Model Drawing (PDF)
Product Specification PS-73780-999 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Component Type Overview Product Name Style Backplane Connectors 74300 Daughtercard, Mezzanine PCB Receptacle hdm HDM(R) N/A EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 72 72 Black 250 No No None Copper-Nickel-Tin Gold Tin-Lead High Temperature Thermoplastic 12 Open Pin Field 6 Vertical 0.138 In 3.50 mm No None 0.063 In 1.60 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.76 30 .88 No Yes Yes -55C to +105C Through Hole - Compliant Pin
Search Parts in this Series 74300Series Mates With HDM(R) Board-to-Board Backplane Header 73642 , 73643 , 73644 , 74349 , 74428 , 73769 , 73781 , 73770 , 73782 , 73783 , 73771
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 1A 1.0 Gbps 76 Yes 250V AC
Material Info Reference - Drawing Numbers
Product Specification PS-73780-999 Sales Drawing SD-74300-002 HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0743002155

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X