Part Number Hot Search : 
0000F L1619 AN701 HT46R46E 100EL1 PK70FG40 HT7L5820 87C51
Product Description
Full Text Search
 

To Download 0740619004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0740619004 Active
vhdm 2.00mm (.079") Pitch VHDM(R) Board-to-Board Backplane Header, Vertical, 8-Row, Guide Pin Signal Module, Pin End Version, Lead Free, 80 Circuits, Pin Length 5.15mm (.203")
Documents: Drawing (PDF) Product Specification PS-74031-999 (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 74061 Backplane Tooling Manual No Keying Position PCB Header vhdm VHDM(R) N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB 80 80 Black 200 No Yes None Beryllium Copper, High Performance Alloy (HPA), Stainless Steel Gold Tin High Temperature Thermoplastic N/A Open Pin Field 8 Vertical 0.098 In 2.50 mm No None 0.070 In 1.80 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 30 0.75 Yes
Search Parts in this Series 74061Series Mates With 74040 VHDM(R) Board-to-Board Daughtercard Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM(R) Signal Pin 0622015700 Inserter Repair Tool VHDM(R) 8 Row Pin 0622015900 and Shield Repair Tool VHDM(R) 8 Row 0622016100 Shield Extraction Tool
Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No Yes 105C max Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shield Type Shielded Voltage - Maximum 1A 3.125 Gbps 100 Ground Plane Shield Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification PK-74061-003 Product Specification PS-74031-999 Sales Drawing SD-74061-002 VHDM and Very High Density Metric are trademarks of Amphenol Corporation
VHDM(R) Insertion 0622020205 Module for Advanced Mate Signal Header, 8 Row by 10 Wide, 20.00mm (.787") VHDM(R) Insertion 0622020209 Module for Standard Shield Signal Header, 8 Row by 10 Wide, 20.00mm (.787") Flat Rock Tooling for 0622013700 Pneumatic Press
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0740619004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X