Part Number Hot Search : 
KAD1512D DP90S18 17BZC HYS64 AT216 A986A 10K3DCB0 IDTQS3
Product Description
Full Text Search
 

To Download 0740571002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0740571002 Active
vhdm 2.00mm (.079") Pitch VHDM(R) Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 60 Circuits, 10 Columns, Pin Length 6.25mm (.246"), 0.76m (30") Gold (Au) Plating
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
UL E29179
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 74057 Backplane Tooling Manual Open Header PCB Header vhdm VHDM(R) N/A
EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) 60 60 Black 200 No 94V-0 No None Beryllium Copper, High Performance Alloy (HPA) Gold Tin-Lead High Temperature Thermoplastic N/A Open Pin Field 6 Vertical 0.098 In 2.50 mm No None 0.071 In 1.80 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75
Search Parts in this Series 74057Series Mates With 74030 VHDM(R) Board-to-Board Daughtercard Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Flat Rock Tooling for 0622013700 Pneumatic Press VHDM(R) Insertion 0622011101 Module for Advanced Mate Signal Header, 6 Row by 11 Wide, 20.00mm (.787") VHDM(R) Signal Pin 0622015700 Inserter Repair Tool
Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
30 0.75 Yes Yes Yes 105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shield Type Shielded Voltage - Maximum 1A 3.125 Gbps 75 Ground Plane Shield Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification PK-74057-003 Sales Drawing SD-74057-002 VHDM and Very High Density Metric are trademarks of Amphenol Corporation
VHDM(R) 6 Row Pin 0622015800 and Shield Repair Tool VHDM(R) 6 Row 0622016000 Shield Extraction Tool VHDM(R) Insertion 0622020203 Module for Advanced Mate Signal Header, 6 Row by 10 Wide, 20.00mm (.787") VHDM(R) Insertion 0622020207 Module for Advanced Mate Signal Header, 6 Row by 10 Wide, 20.00mm (.787")
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0740571002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X