Part Number Hot Search : 
2MBI600 OM7603ST SRAS2035 Z5245B EC6A15S CHUMH9PT 3302JA 3LB200C
Product Description
Full Text Search
 

To Download 0705750012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0705750012 Active
cgrid__sl_products 2.54mm (.100") Pitch SLTM Header, Single Row, Right Angle, .180" Pocket, Shrouded, with Press-fit Plastic Peg, 13 Circuits, Tin (Sn) Plating
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-70400 (PDF) Product Specification PS-70541 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Application Overview Product Name PCB Headers 70575 Wire-to-Board cgrid__sl_products SLTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 13 13 25 94V-0 No Yes Yes Tin Tin 1 Right Angle 0.130 In 3.30 mm Yes Yes 0.062 In 1.60 mm Tube 0.100 In 2.54 mm 150 3.80 150 3.80 Yes Fully No Yes -40C to +105C Through Hole
Search Parts in this Series 70575Series Mates With 70004
Electrical
Current - Maximum per Contact Voltage - Maximum
3A 250V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-0017 PS-70400, PS-70541 SDA-70575-****
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0705750012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X