Part Number Hot Search : 
RC1210 XC9802 2SK531 G2002 LBN7053 2001834 C431PC 2SJ26
Product Description
Full Text Search
 

To Download 0678007002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0678007002 Active
serial_ata_products 1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Through Hole, with Locking Latch, 7 Circuits, 0.76m (30") Gold (Au) Plating, for 1.60mm (.063") PCB, Black, Footprint B, with PCB Locator Tabs, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-67491-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA UL LR 19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name PCB Headers 67800 Board-to-Board, Wire-to-Board Staggered Solder Pin|Footprint B serial_ata_products Serial ATA
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating No 7 7 Black 50 Yes 94V-0 No No Yes Yes Brass Gold Tin 1 Vertical 0.096 In 2.45 mm Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 0.050 In 1.27 mm Yes Fully No No -35C to +85C
Search Parts in this Series 67800Series
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A 15V DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-67800-001 PS-67491-001 SD-67800-007
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0678007002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X