Part Number Hot Search : 
IRLML ELECTRON 2MS02B C2719 MV3X50 MMBZ5244 D2050 FP7281
Product Description
Full Text Search
 

To Download 0554012619 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0554012619 Contact Molex
qf50 2.54mm (.100") Pitch QF-50TM Flat Ribbon Cable Header, Dual Row, Vertical, Shrouded Header with Eject Levers, 26 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-54559-005 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 55401 Wire-to-Board qf50 QF-50TM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 26 26 Black 500 No No No None Yes Brass Gold Tin Polyester 2 Vertical No Yes 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 12 0.3 101.6 2.54 Yes Fully No No -40C to +85C Through Hole
Search Parts in this Series 55401Series Mates With 54559 QF-50TM Flat Cable Receptacle Housing
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-54559-005, RPS-54559-017 SD-55401-004
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0554012619

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X