|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0545961710 Active MINI MI2 REC. ASSY (SN) Documents: 3D Model Drawing (PDF) Product Specification PS-54596-005 (PDF) Product Specification PS-54596-006 (PDF) Product Specification PS-54596-007 (PDF) Product Specification PS-54596-018 (PDF) Product Specification PS-54596-019 (PDF) Product Specification PS-54596-020 (PDF) Product Specification PS-54596-021 (PDF) Product Specification PS-54596-022 (PDF) Product Specification PS-54596-023 (PDF) Product Specification PS-54769-004 (PDF) Product Specification PS-55448-001 (PDF) Product Specification PS-55482-006 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Product Name IDT and Solder Connectors 54596 Yes Mini Mi IITM Physical Circuits (Loaded) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stackable Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG 17 Natural Female No None Phosphor Bronze Tin Tin Nylon 1 Bag No 0.049 In 1.25 mm 36 0.90 36 0.90 No -40C to +105C IDT or Pierce 0.80-0.90mm (.031-.035") 26, 28 Search Parts in this Series 54596Series Mates With 55451 , 55447 , 55454 , 55659 , 55456 , 55482 , 55450 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Japan Description Product # IDT Bench-Top 0578277100 Terminator for Mini Mi IITM Hand Crimper 0578345000 Fully-Automated IDT 0578008300 Machine (XELOMPLUS) Electrical Current - Maximum per Contact Voltage - Maximum 1.5A 100V Material Info Reference - Drawing Numbers Product Specification PS-54596-005, PS-54596-006, PS-54596-007, PS-54596-018, PS-54596-019, PS-54596-020, PS-54596-021, PS-54596-022, PS-54596-023, PS-54769-004, PS-55448-001, PS-55482-006, RPS-54596-012, RPS-54596-013, RPS-54596-014, Sales Drawing RPS-54596-016, RPS-54596-017, RPS-54596-022, RPS-54596-023, RPS-54596-024, RPS-54596-025, RPS-54596-026, RPS-54966-004, RPS-55448-004 SD-54596-004 Fully-Automated IDT 0578008400 Machine (XELOMPLUS) This document was generated on 04/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0545961710 |