Part Number Hot Search : 
2029L100 AD633ARZ C1100 D9288B AT1312C AK5534 BZX84C12 MAX188
Product Description
Full Text Search
 

To Download 0522072060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0522072060 Active
1.00mm (.039") Pitch FFC/FPC Connector, SMT, Right Angle, ZIF, Top Contact Style Receptacle, 20 Circuits, Lead-free, Gold Contact Plating, High Barrier Packaging
Agency Certification
CSA UL LR19980 E29179
General
Product Family Series Overview Product Name FFC/FPC Connectors 52207 ffc_fpc_smt N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Flammability Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 20 Natural Top 30 90 Angle 94V-0 0.106 In 2.70 mm Phosphor Bronze Gold Tin Nylon 1 Right Angle 0.079 In 2.00 mm No Yes Embossed Tape on Reel 0.039 In 1.00 mm Yes No -30C to +85C Surface Mount FFC/FPC
Search Parts in this Series 52207Series
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-52207-002 PS-52207-048, RPS-52207-073, RPS-52207-075, RPS-52207-078, RPS-52207-084, RPS-52207-090, RPS-52207-092, RPS-52207-094, RPS-52207-099, RPS-52207-101, RPS-52207-106 SD-52207-064, SD-52207-065
Sales Drawing
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0522072060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X