Part Number Hot Search : 
FDMS3572 60VIC MT8D132 HT12B 210Y104 K03D2 1N5420 K03D2
Product Description
Full Text Search
 

To Download 0520040610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0520040610 Active
1.50mm (.059") Pitch Wire Trap, Push-Cover Style, Vertical, 6 Circuits
Documents: 3D Model Drawing (PDF) Product Specification PS-52004-001 (PDF)
Product Specification PS-52004-002 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Comments Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 52004 Push-Cover One Piece No Board-In, Wire Trap
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire/Cable Type 6 Vertical None 1 Yes 0.062 In 1.60 mm Tray 0.059 In 1.50 mm N/A Yes No No -40C to +105C 1.50mm (.059") max. 24, 26 Ribbon Cable
Search Parts in this Series 52004Series Mates With N/A Use With Topcoated ribbon cable
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A 150V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-52004-001, PS-52004-002 SD-52004-**10
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0520040610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X