Part Number Hot Search : 
MIC520 IRFF30 MMSZ5 100MZF 3EVKIT KD200 MBRS130L SZ553J
Product Description
Full Text Search
 

To Download 0513000412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0513000412 Active
CRCTM Shielded Rectangular I/O Receptacle Housing for Female Terminal, Power, 4 Circuits, Polarization Type B, Polarization Position A-2
Documents: Drawing (PDF) Product Specification PS-51300-004 (PDF)
Product Specification PS-51300-005 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 R72081037 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Application Component Type Product Name Type I/O Connectors 51300 Panel-Mount, Wire-to-Wire Housing CRCTM N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PCB Locator Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A N/A 4 Black 100 94V-0 Female Yes Yes Stainless Steel n/a Polyester 2 Vertical No Tray Front, Rear 0.189 In 4.80 mm 0.189 In 4.80 mm Yes N/A 1 No -40C to +105C N/A No
Search Parts in this Series 51300Series Mates With 55887 plug assembly set, 55891 plug housing Use With 56377-120* receptacle shell, 56194 female terminal
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification Sales Drawing PS-51300-004, PS-51300-005 SD-51300-003
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0513000412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X