|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 0510480210 Active 2.00mm (.079") Pitch Cable Holder, Vertical, Low Profile, for Ribbon Cable, 2 Circuits RoHS Certificate of Compliance (PDF) General Product Family Series Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 51048 One Piece No Board-In, Cable Holder Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (Loaded) Color - Resin Entry Angle Lock to Mating Part Material - Resin Number of Rows PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire/Cable Type 2 Natural Vertical None Nylon 1 Yes 0.062 In 1.60 mm Bag 0.079 In 2.00 mm N/A No No No -40C to +105C 1.60mm (.063") max. 26 Ribbon Cable Search Parts in this Series 51048Series Mates With N/A Electrical Current - Maximum per Contact Voltage - Maximum N/A N/A Material Info Use With Topcoated ribbon cable This document was generated on 04/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0510480210 |