Part Number Hot Search : 
M74HC21 RJP4007 3232EE 2N3912 PT2250A 64LE99 MBR862 EPA3578
Product Description
Full Text Search
 

To Download 0500618000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0500618000 Active
1.25mm (.049") Pitch Board-In Crimp Terminal, 28-32 AWG, Reel
Product Specification PS-51022-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Terminals 50061 Yes Board-In EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Phosphor Bronze Tin Tin Reel 36 0.90 36 0.90 Crimp or Compression 0.50-1.00mm (.020-.039") 28, 30, 32 N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 0.8A, 1A 125V Search Parts in this Series 50061Series Use With 51022 PS-51022-001, RPS-51022-001 SD-50061-8*00 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Extraction Tool 0011030043 FineAdjustTM 0639004200 Applicator for 1.25mm (.049") Pitch Board In, Wire-toBoard and Wire-toWire Terminal, 26-32 AWG T2 Terminator 0639104200 Tooling Die Hand Crimp Tool for 0638190300 1.25mm (.049") Pitch
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing
PicoBladeTM Crimp Terminals, 26-32 AWG Japan Description Product # Applicator for M211A 0570693000 Bench Press, 26-32 AWG, for 50061 Crimp Terminal Extraction Tool 0570726000 Side-Feed Applicator 0570693200 For Full-Auto Machine
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0500618000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X