Part Number Hot Search : 
TM128160 P4KE15 ATA6612 08A50 ACTF8100 ACT8897 KTA1073T MAX703
Product Description
Full Text Search
 

To Download 0500388000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0500388000 Active
splash_proof 2.50mm (.098") Pitch Splash Proof Crimp Terminal, 50038, Reel
Documents: Drawing (PDF) Product Specification PS-52048-001 (PDF) Product Specification PS-52117-001 (PDF) Product Specification PS-52117-002 (PDF) Product Specification PS-52117-003 (PDF)
Product Specification PS-52117-004 (PDF) Product Specification PS-52117-005 (PDF) Product Specification PS-52117-006 (PDF) Product Specification PS-52117-007 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 50038 Yes splash_proof Splash Proof
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Phosphor Bronze Tin Tin Reel 36 0.90 36 0.90 Crimp or Compression 1.80-1.90mm (.071-.075") 20, 22 N/A
Search Parts in this Series 50038Series Mates With 50039
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification PK-50038-001, SPK-50038-001 PS-52048-001, PS-52117-001, PS-52117-002, PS-52117-003, PS-52117-004, PS-52117-005, PS-52117-006, PS-52117-007, RPS-52048-001 SD-50038-8*00
Use With 52116 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Fine AdjustTM 0639000100 Applicator for 2.50mm (.098") Pitch Splash Proof Crimp Terminal, 20-22 AWG
Sales Drawing
T2 Terminator 0639100100 Tooling Die for 2.50mm (.098") Pitch Splash Proof Crimp Terminal, 20-22 AWG Japan Description Product # Applicator for M211A 0570843000 Bench Press, for 50038 and 50039 Crimp Terminal
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0500388000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X