Part Number Hot Search : 
KK431 G0100 FPI4060W P45AB SDRAM 83905 MM1278XD 00158
Product Description
Full Text Search
 

To Download 0500348000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0500348000 Active
2.00mm (.079") Pitch Board-In Crimp Terminal 50034, Reel
Documents: 3D Model Drawing (PDF) Product Specification PS-51015-001 (PDF)
Product Specification PS-51015-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Crimp Quality Equipment Product Name Crimp Terminals 50034 Yes Board-In EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Phosphor Bronze Tin Tin Reel 36 0.90 36 0.90 Crimp or Compression 1.40mm (.055") max. 26, 28, 30 N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 1.5A, 1A, 2A 125V
Search Parts in this Series 50034Series Use With 51015
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification SPK-50034-001 PS-51015-001, PS-51015-002, RPS-51015-001, RPS-51015-003, RPS-51015-004, RPS-51015-005, RPS-51015-006 SD-50034-8*00
Sales Drawing
Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # FineAdjustTM 0639004000 Applicator for 2.00mm (.079") Pitch Micro Blade Wire-toWire Terminal, 26-30 AWG T2 Terminator 0639104000 Tooling Die Japan Description Product # Applicator for M211A 0570553000 Bench Press, 26-30
AWG, for 50034 Crimp Terminal Side-Feed Applicator 0570553200 For Full-Auto Machine Extraction Tool 0570576000
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0500348000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X