Part Number Hot Search : 
WM3988TR 741XKT IRFU3607 1209S TS7024 1SV245 MUR860E BA685
Product Description
Full Text Search
 

To Download 0482016045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0482016045 Active
D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 9 Circuits, 2 pcs M3 Inner Screw Thread, 0.76m (30") Gold (Au) Plating, PCB Thickness 1.60mm(.063"), Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-48201-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only I/O Connectors 48201 Wire-to-Board D-sub 9 pin with 2 pieces M3 Inner Screw Thread Receptacle D-Sub N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Gender Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 9 9 Black Female Yes Phosphor Bronze Gold Tin Polyester 2 Right Angle 0.125 In 3.18 mm No Yes 0.063 In 1.60 mm Tray Yes 0.054 In 1.38 mm 0.054 In 1.38 mm 30 0.76 100 2.54 Yes Yes 1 No -55C to +85C Through Hole No N/A
Search Parts in this Series 48201Series Mates With 48202 D-Sub Male Plug
Electrical
Current - Maximum per Contact Shield Type Shielded Voltage - Maximum 1A Full Shield Yes 300V DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-48201-001 SD-48201-001
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0482016045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X