Part Number Hot Search : 
XY6112P AD9502CM MC130 APL2100 BD506 IRU431L 1000A BD506
Product Description
Full Text Search
 

To Download 0474680001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0474680001 Active
2.54mm (.100") SIM Card Connector, 6 Circuits, Surface Mount, with Guide Rail, Housing Height 2.00mm (.079"), Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47468-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Memory Card Sockets 47468 N/A Card Holder (Host) SIM N/A EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Button Type Component Type Product Name Type
Physical
Card Detection Switch Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Ejector Button Side Entry Angle Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin PCB Locator PCB Mounting Side PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Temperature Range - Operating Termination Interface: Style No 6 6 Black 500 No Ejector Button Present Horizontal Yes Beryllium Copper, Stainless Steel Gold Gold High Temperature Thermoplastic No Normal Yes Embossed Tape on Reel 0.100 In 2.54 mm 0.100 In 2.54 mm 30 0.75 2 0.05 1 -20C to +70C Surface Mount
Search Parts in this Series 47468Series Mates With Standard SIM Card Use With Standard SIM Cards
Electrical
Current - Maximum per Contact Voltage - Maximum 0.5A 50V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 20 Reflow Capable (SMT only) 1 245
Material Info
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47468-001 PS-47468-001 SD-47468-001
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0474680001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X