Part Number Hot Search : 
NJM2263 MIP2E3D ZMM5254B SMF100A BZM55C56 LM270 DS3102GN W1T1G
Product Description
Full Text Search
 

To Download 0458300215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0458300215 Active
1.20mm (.047") by 2.00mm (.079") Pitch HD MezzTM Plug, 195 Circuits, 8.00mm (.315") Unmated Height, 15 Rows, Tin (Sn) Plating
Documents: 3D Model Drawing (PDF)
Product Specification PS-45802-001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Comments Product Name PCB Headers 45830 Board-to-Board 1.20mm (.047") Pitch Pin-to-Pin and 2.00mm (.079") Pitch Row-to-Row HD MezzTM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Robotic Placement Shrouded Stackable No 195 195 195 Black 100 No 94V-0 No No None Yes High Performance Alloy (HPA) Gold Tin High Temperature Thermoplastic 15 Vertical Yes Yes Tray 0.047 In 1.20 mm 0.047 In 1.20 mm 30 0.75 100 2.5 Yes Yes Vacuum Pick-Up Clip Closed Ends No
Search Parts in this Series 45830Series Mates With 45802 HD MezzTM Receptacle
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Yes -55C to +105C Surface Mount
Electrical
Current - Maximum per Contact Voltage - Maximum 2A 250V AC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 20 Reflow Capable (SMT only) 2 260
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-45802-001 SD-45830-001
This document was generated on 03/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0458300215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X