|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0452800453 Active microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0 BMI CPITM Compliant Pin Header, Blind Mate Interface, Dual Row, Vertical, 4 Circuits, PA Polyamide Nylon 4/6, UL 94V-0, 0.76m (30") Gold (Au) Selective Contact Plating, Tin (Sn) Tail Plating Documents: 3D Model Drawing (PDF) Product Specification PS-44300-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only Series Agency Certification CSA TUV UL LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Application Tooling Part Link Overview Product Literature Order No Product Name PCB Headers 45280 Board-to-Board, Wire-to-Board 622008400 microfit_30 USA-106 Micro-Fit 3.0 BMI CPITM Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable No 4 4 Black 30 94V-0 No Yes None High Performance Alloy (HPA) Gold Tin High Temperature Thermoplastic 2 Vertical 0.189 In 4.80 mm Yes Yes Tray 0.118 In 3.00 mm 30 0.75 100 2.5 Yes Yes Fully No Search Parts in this Series 45280Series Mates With 44133-0400 Panel Mount Receptacle, 44769-0403 Vertical Receptacle Header, 44764-0403 Right Angle Receptacle Header Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Micro-FitTM 0622008400 Compliant Pin Insertion Flat Rock Tool Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No -40C to +105C Through Hole - Compliant Pin Electrical Current - Maximum per Contact Voltage - Maximum 5A 250V Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing Test Summary PK-45280-002 PS-44300-001, RPS-44300-001 SD-45280-002 TS-45280-001 This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0452800453 |