Part Number Hot Search : 
OV20880 D013T BF844 HV911007 MN280R C877280B SMCJ20 BSW68
Product Description
Full Text Search
 

To Download 0399400213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0399400213 Active
5.08mm (.200") Pitch BeauTM EuroMateTM Pluggable PCB Terminal Block, Dual Level, 90 Wire Entry, 13 Circuits
Documents: Drawing (PDF) Product Specification PS-39940-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL E48521
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Literature Order No Product Name Type Terminal Blocks 39940 Wire-to-Board Gold plating available Plug USA-264 EuroMateTMPluggable Euro Block
Physical
Circuits (Loaded) Color - Resin Entry Angle Flammability Lock to Mating Part Material - Resin Number of Rows Orientation Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Termination Interface: Style Wire Size AWG Wire Size mm 13 Black Horizontal 94V-0 None Nylon 2 Vertical No 0.200 In 5.08 mm Yes No 130C Screw or Lug 12, 14, 16, 18, 20, 22 0.50 - 2.50
Search Parts in this Series 39940Series Mates With 39531-0013 , 39531-1013 , 39532-0013 , 39532-1013
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info
Old Part Number 940813
Reference - Drawing Numbers
Product Specification Sales Drawing PS-39940-001 SD-39940-004
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0399400213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X