Part Number Hot Search : 
MB1505G WP7113 2SA11 EPB5183G RL251G SPD3911R 805SF C330M
Product Description
Full Text Search
 

To Download 0395272004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0395272004 Active
5.00mm (.197") Pitch EurostyleTM Vertical Plug, with Retention Screws, Rear Wire Entry, 4 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Product Literature Order No Product Name Type Terminal Blocks 39527 Wire-to-Board Rear Wire Entry Plug USA-355 ESE, EurostyleTMPluggable Euro Block
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG Wire Size mm 4 Horizontal Yes 1 Vertical No 0.197 In 5.00 mm Yes No -40C to +105C 12, 14, 16, 18, 20, 22, 24, 26 0.13 - 3.31
Search Parts in this Series 39527Series Mates With Most 5.00mm (.197") Pitch Industry Standard PCB Headers, 39525 Vertical PCB Header with Threaded Retention Inserts, 39526 Horizontal PCB Header with Threaded Retention Inserts
Electrical
Current - Maximum per Contact Voltage - Maximum 10A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39527-002
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Printing Options Description 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends 5.0mm, Euro Plug, Vertical FWE, Mounting Ends Circuit size None 10AV 11AV None 30 u" Gold Printing Options 10AV 11AV None 100% Tin Printing Options 10AV 11AV None Green 30 u" Gold Printing Options 10AV 11AV mm 20.0 25.0 30.0 35.0 40.0 45.0 50.0 55.0 60.0 65.0 70.0 75.0 80.0 85.0 90.0 95.0 100.0 105.0 110.0 115.0 120.0 125.0 130.0 Dim. A inch 0.79 0.98 1.18 1.38 1.58 1.77 1.97 2.17 2.36 2.56 2.76 2.95 3.15 3.35 3.54 3.74 3.94 4.13 4.33 4.53 4.72 4.92 5.12 mm 5.0 10.0 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0 55.0 60.0 65.0 70.0 75.0 80.0 85.0 90.0 95.0 100.0 105.0 110.0 115.0 Dimensional Information Dim B inch 0.20 0.39 0.59 0.79 0.98 1.18 1.38 1.58 1.77 1.97 2.17 2.36 2.56 2.76 2.95 3.15 3.35 3.54 3.74 3.94 4.13 4.33 4.53 mm 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0 55.0 60.0 65.0 70.0 75.0 80.0 85.0 90.0 95.0 100.0 105.0 110.0 115.0 120.0 125.0 Dim C inch 0.59 0.79 0.98 1.18 1.38 1.58 1.77 1.97 2.17 2.36 2.56 2.76 2.95 3.15 3.35 3.54 3.74 3.94 4.13 4.33 4.53 4.72 4.92
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
395272002 395272302 395272402 395272502 395272802 395272902 395277002 395277302 395277402 395277502 395277802 395277902 395272003 395272303 395272403 395272503 395272803 395272903 395277003 395277303 395277403 395277503 395277803 395277903 395272004 395272304 395272404 395272504 395272804 395272904 395277004 395277304 395277404 395277504 395277804 395277904 395272005 395272305 395272405 395272505 395272805 395272905 395277005 395277305 395277405 395277505 395277805 395277905 395272006 395272306 395272406 395272506 395272806 395272906 395277006 395277306 395277406 395277506 395277806 395277906 395272007 395272307 395272407 395272507 395272807 395272907 395277007 395277307 395277407 395277507 395277807 395277907 395272008 395272308 395272408 395272508 395272808 395272908 395277008 395277308 395277408 395277508 395277808 395277908 395272009 395272309 395272409 395272509 395272809 395272909 395277009 395277309 395277409 395277509 395277809 395277909 395272010 395272310 395272410 395272510 395272810 395272910 395277010 395277310 395277410 395277510 395277810 395277910 395272011 395272311 395272411 395272511 395272811 395272911 395277011 395277311 395277411 395277511 395277811 395277911 395272012 395272312 395272412 395272512 395272812 395272912 395277012 395277312 395277412 395277512 395277812 395277912 395272013 395272313 395272413 395272513 395272813 395272913 395277013 395277313 395277413 395277513 395277813 395277913 395272014 395272314 395272414 395272514 395272814 395272914 395277014 395277314 395277414 395277514 395277814 395277914 395272015 395272315 395272415 395272515 395272815 395272915 395277015 395277315 395277415 395277515 395277815 395277915 395272016 395272316 395272416 395272516 395272816 395272916 395277016 395277316 395277416 395277516 395277816 395277916 395272017 395272317 395272417 395272517 395272817 395272917 395277017 395277317 395277417 395277517 395277817 395277917 395272018 395272318 395272418 395272518 395272818 395272918 395277018 395277318 395277418 395277518 395277818 395277918 395272019 395272319 395272419 395272519 395272819 395272919 395277019 395277319 395277419 395277519 395277819 395277919 395272020 395272320 395272420 395272520 395272820 395272920 395277020 395277320 395277420 395277520 395277820 395277920 395272021 395272321 395272421 395272521 395272821 395272921 395277021 395277321 395277421 395277521 395277821 395277921 395272022 395272322 395272422 395272522 395272822 395272922 395277022 395277322 395277422 395277522 395277822 395277922 395272023 395272323 395272423 395272523 395272823 395272923 395277023 395277323 395277423 395277523 395277823 395277923 395272024 395272324 395272424 395272524 395272824 395272924 395277024 395277324 395277424 395277524 395277824 395277924


▲Up To Search▲   

 
Price & Availability of 0395272004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X