Part Number Hot Search : 
210000 P3937 210000 NTD132C TIONA U63716DC PIC16C7 MMSZ5236
Product Description
Full Text Search
 

To Download 0395220010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0395220010 Active
5.00mm (.197") Pitch EurostyleTM Horizontal PCB Header, Open Ends, 10 Circuits
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39522 Wire-to-Board PCB Header USA-355 ESE, EurostyleTMPluggable Euro Block
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Size AWG 10 N/A Yes 1 Horizontal 0.154 In 3.90 mm 0.125 In 3.20 mm No 0.197 In 5.00 mm Yes Open Ends No N/A -40C to +105C N/A
Search Parts in this Series 39522Series Mates With 39520 Horizontal Plug, 39523 Vertical Plug, Most 5.00mm (.197") Pitch Industry Standard Plugs
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39501-002, SD-39522-003
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Printing Options None 395220002 395220003 395220004 395220005 395220006 395220007 395220008 395220009 395220010 395220011 395220012 395220013 395220014 395220015 395220016 395220017 395220018 395220019 395220020 395220021 395220022 395220023 395220024 10A 395220102 395220103 395220104 395220105 395220106 395220107 395220108 395220109 395220110 395220111 395220112 395220113 395220114 395220115 395220116 395220117 395220118 395220119 395220120 395220121 395220122 395220123 395220124 11A 395220202 395220203 395220204 395220205 395220206 395220207 395220208 395220209 395220210 395220211 395220212 395220213 395220214 395220215 395220216 395220217 395220218 395220219 395220220 395220221 395220222 395220223 395220224 None 395220502 395220503 395220504 395220505 395220506 395220507 395220508 395220509 395220510 395220511 395220512 395220513 395220514 395220515 395220516 395220517 395220518 395220519 395220520 395220521 395220522 395220523 395220524 30 u" Gold Printing Options 10A 395220602 395220603 395220604 395220605 395220606 395220607 395220608 395220609 395220610 395220611 395220612 395220613 395220614 395220615 395220616 395220617 395220618 395220619 395220620 395220621 395220622 395220623 395220624 11A 395220702 395220703 395220704 395220705 395220706 395220707 395220708 395220709 395220710 395220711 395220712 395220713 395220714 395220715 395220716 395220717 395220718 395220719 395220720 395220721 395220722 395220723 395220724 None 395225002 395225003 395225004 395225005 395225006 395225007 395225008 395225009 395225010 395225011 395225012 395225013 395225014 395225015 395225016 395225017 395225018 395225019 395225020 395225021 395225022 395225023 395225024 100% Tin Printing Options 10A 395225102 395225103 395225104 395225105 395225106 395225107 395225108 395225109 395225110 395225111 395225112 395225113 395225114 395225115 395225116 395225117 395225118 395225119 395225120 395225121 395225122 395225123 395225124 11A 395225202 395225203 395225204 395225205 395225206 395225207 395225208 395225209 395225210 395225211 395225212 395225213 395225214 395225215 395225216 395225217 395225218 395225219 395225220 395225221 395225222 395225223 395225224 None 395225502 395225503 395225504 395225505 395225506 395225507 395225508 395225509 395225510 395225511 395225512 395225513 395225514 395225515 395225516 395225517 395225518 395225519 395225520 395225521 395225522 395225523 395225524 Green 30 u" Gold Printing Options 10A 395225602 395225603 395225604 395225605 395225606 395225607 395225608 395225609 395225610 395225611 395225612 395225613 395225614 395225615 395225616 395225617 395225618 395225619 395225620 395225621 395225622 395225623 395225624 11A 395225702 395225703 395225704 395225705 395225706 395225707 395225708 395225709 395225710 395225711 395225712 395225713 395225714 395225715 395225716 395225717 395225718 395225719 395225720 395225721 395225722 395225723 395225724 mm 10.00 15.00 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 120.00 Dim. A inch 0.394 0.591 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 4.724 mm 5.00 10.00 15.00 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 Dim B inch 0.197 0.394 0.591 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 Dimensional Information
Description 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End 5.0mm, Euro Header, Right Angle, Open End


▲Up To Search▲   

 
Price & Availability of 0395220010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X