![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0340620015 Active mx150 5.00mm (.197") Pitch MX150TM Cable Sealed Female Connector, Single Row, 2 Circuits, Polarization A, with Connector Position Assurance, Black Documents: Application Specification (PDF) Packaging Specification (PDF) Drawing (PDF) Product Specification PS-34062-000 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only General Product Family Series Comments More Detailed Tech Information Overview Product Name Crimp Housings 34062 With Connector Position Assurance (CPA) http://ewcap.uscarteams.org mx150 MX150TM Physical Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Ports Stackable Temperature Range - Operating 2 2 Gray Female No Yes Yes Nylon 2 Bag No 0.197 In 5.00 mm 0.197 In 5.00 mm Yes 2 No 125C EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 34062Series Mates With Direct Connect only Use With 34083 Material Info Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-30907-879 PS-34062-000 SD-34062-001 This document was generated on 06/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0340620015
![]() |