Part Number Hot Search : 
MAX8743 2SC2841 AF4928N SMCJ16 5ETTT SP4491EU MOB81DH M6008
Product Description
Full Text Search
 

To Download 0340620010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0340620010 Active
mx150 5.00mm (.197") Pitch MX150TM Cable Sealed Female Connector, Single Row, 2 Circuits, Polarization D, with Connector Position Assurance, Gray
Documents: Application Specification (PDF) Drawing (PDF)
Product Specification PS-34062-000 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Housings 34062 With Connector Position Assurance (CPA) http://ewcap.uscarteams.org mx150 MX150TM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments More Detailed Tech Information Overview Product Name
Physical
Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 2 2 Gray Female No Yes Yes Nylon 1 Bag No 0.197 In 5.00 mm 0.197 In 5.00 mm Yes No -40C to +125C
Search Parts in this Series 34062Series Mates With Direct Connect only Use With 34083 Tin (Sn) Cable Seal Female Terminal, 34081 Gold (Au) Cable Seal Female Terminal
Electrical
Current - Maximum per Contact 15A
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-30907-879 PS-34062-000 SD-34062-001
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0340620010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X