Part Number Hot Search : 
S2072 74LS28 AD1671J MC74VH MGA2805S 600BR B3300 2N4910
Product Description
Full Text Search
 

To Download 0311000041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0311000041 Active
hdac_64_single_row H-DAC 64TM 2.54mm (.100") 4 Way Right Angle Header Assembly, Polarization B
Documents: Drawing (PDF) Application Specification (PDF)
Product Specification PS-31100-0001 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Headers 31100 Wire-to-Board Polarization Option B, Gray hdac_64_single_row H-DAC 64TM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 4 4 Gray 10 No No No None Yes Brass Tin Nickel Modified Polystyrene 1 Right Angle 0.139 In 3.52 mm Yes Yes 0.062 In 1.57 mm Tray 0.100 In 2.54 mm 0.100 In 2.54 mm 60 1.50 60 1.50 Yes Yes Closed Ends No No -40C to +100C Through Hole
Search Parts in this Series 31100Series Mates With H-DAC 64TM, 4 Way Receptacle Assembly 310681011
Electrical
Current - Maximum per Contact Voltage - Maximum 5A, 7A 500V DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 40 SMC & Wave Capable (TH only) 3 260
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-31067-100 PK-31300-577 PS-31100-0001 SD-31197-003
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0311000041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X