Part Number Hot Search : 
MSM6368 BAV20 54125 NJU3715A AME8845 IZ1242C 4850A BC558
Product Description
Full Text Search
 

To Download 0310671012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0310671012 Active
hdac_64_single_row 2.54mm (.100") H-DAC 64TM, 3 Way Receptacle Assembly, Single-Row, Polarization C
Documents: Application Specification (PDF) Drawing (PDF) Product Specification PS-31067-0001 (PDF)
Product Specification PS-31100-0001 (PDF) RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Comments Overview Product Name Crimp Housings 31067 Polarization Option C, Brown hdac_64_single_row H-DAC 64TM
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Ports Stackable Temperature Range - Operating 3 3 Brown (Carmel), White Female No None Yes Modified Polystyrene, Polyester 1 Bag No 0.100 In 2.54 mm 0.100 In 2.54 mm Yes 1 No -40C to +100C
Search Parts in this Series 31067Series Mates With 31101 H-DAC 64TM Vertical Header Use With See Product Spec
Electrical
Current - Maximum per Contact 11A, 9A
Material Info Reference - Drawing Numbers
Application Specification Packaging Specification Product Specification Sales Drawing AS-31067-100 PK-30907-737, PK-31301-076 PS-31067-0001, PS-31100-0001 SD-31109-003
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0310671012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X