Part Number Hot Search : 
MR700 74HC238 IRL3705 SD2333 LC75834W IRF730AL M3004L STK4873
Product Description
Full Text Search
 

To Download 0190380013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0190380013 Active
InsulKrimpTM Snap Plug Receptacle for 14-16 AWG Wire, Nylon, Fits Male Plug Diameter 4.57mm (.180") Series RoHS Certificate of Compliance (PDF) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Documents: Drawing (PDF)
Agency Certification
CSA UL LR18689 E152602
General
Product Family Series Comments Crimp Quality Equipment Product Name Type Quick Disconnects 19038 Fits Male Plug Dia. 4.57mm (.180") Yes InsulKrimpTM Snap Receptacle
Physical
Barrel Type Color - Resin Flammability Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation Packaging Type Tab Thickness Tab Width Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Natural 94V-2 Female No Nylon (PA) None Brass Tin Tin Nylon Straight Bag N/A N/A Crimp or Compression 3.81mm (.150") max. 14, 16 1.00 - 2.50
Search Parts in this Series 19038Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640012100 Crimp Head for the 0640052100 AT-200TM Pneumatic Hand Tool
Electrical
Voltage - Maximum 600V
Material Info
Old Part Number BRB-2180N
Reference - Drawing Numbers
Sales Drawing SD-19038-001
This document was generated on 04/12/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0190380013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X