Part Number Hot Search : 
PLS153AN D1169 A01BBGD1 PT2308 1100T XFN80N50 CT1003 MC78FC00
Product Description
Full Text Search
 

To Download 0190180006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0190180006 Active
VibraKrimpTM Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab 6.35mm (.250") x 0.81mm (.032")
Documents: Drawing (PDF) Product Specification PS-19902-005 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR18689 E79133
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Crimp Quality Equipment Product Name Type Quick Disconnects 19018 Butted Seam Yes VibraKrimpTM Quick Disconnect
Physical
Barrel Type Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Orientation Packaging Type Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Female No None None Brass Straight Adhesive Tape on Reel No 0.81mm (.032") 6.35mm (.250") Per Wire Specification 1.50-3.20mm (.060-.125") max. 18, 20, 22 0.35 - 0.80
Search Parts in this Series 19018Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Mini-MacTM Mylar 0638858500 Tape Applicator for VibraKrimpTM Quick Disconnect Terminals 18-22 AWG ATP Perishable 0190270046 Tool Kit used in ATP presses that process product on tape
Electrical
Voltage - Maximum Per Wire Specification
Material Info
Old Part Number AA-4176T
Reference - Drawing Numbers
Product Specification Sales Drawing PS-19902-005 CD51002
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0190180006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X