|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0190070006 Active Flag InsulKrimpTM Quick Disconnect, Female, for 18-22 (0.80-0.35) Wire, Mylar Tape, Tab 6.35mm (.250") x 0.81mm (.03 Documents: Drawing (PDF) Product Specification PS-19902-008 (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA UL LR18689 E79133 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Crimp Quality Equipment Product Name Type Quick Disconnects 19007 Yes InsulKrimpTM Quick Disconnect Physical Barrel Type Color - Resin Flammability Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Resin Orientation Packaging Type Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Natural 94V-0 Female No Nylon (PA) None Brass Nylon Flag Adhesive Tape on Reel No 0.81mm (.032") 6.35mm (.250") -65C to +105C 6.10mm (.240") max. 18, 20, 22 0.35 - 0.80 Search Parts in this Series 19007Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Crimp Dies for 0192880062 the ATP-301 Air Crimping Press for Mylar Tape Mounted Terminals Electrical Voltage - Maximum 600V Material Info Old Part Number AA-2220XT Reference - Drawing Numbers Product Specification Sales Drawing PS-19902-008 SD-19007-004 This document was generated on 04/13/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0190070006 |