Part Number Hot Search : 
LTC2272 IN74A MURD860 ET1101 U2606B CO4530 LBT11524 MOB73DR
Product Description
Full Text Search
 

To Download 0190030001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0190030001 Active
InsulKrimpTM Quick Disconnect, Female, for 18-22 (0.80-0.35), Box, Tab 6.35mm (.250") x 0.81mm (.032")
Documents: Drawing (PDF) Product Specification PS-19902-008 (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR18689 E79133
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Crimp Quality Equipment MolexKits Product Name Type Quick Disconnects 19003 Funnel Entry Yes Yes InsulKrimpTM Quick Disconnect
Physical
Barrel Type Color - Resin Flammability Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Closed Natural 94V-2 Female No Nylon (PA) None Brass Tin Tin Nylon Straight Bag 160 4 160 4 No 0.81mm (.032") 6.35mm (.250") -65C to +105C Crimp or Compression 3.43mm (.135") max. 18, 20, 22 0.35 - 0.80
Search Parts in this Series 19003Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Hand Crimp Tool 0640010400 Hand Crimp Tool 0640010700 Crimp Head for the 0640050400 AT-200TM Pneumatic Hand Tool
Electrical
Voltage - Maximum 600V
Material Info
Old Part Number AA-2201
Reference - Drawing Numbers
Product Specification PS-19902-008
Sales Drawing
SD-19003-005
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0190030001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X