Part Number Hot Search : 
R1510 PT10718 W24LH8 FKC05 J110A 013P3 DBL2071 FC924
Product Description
Full Text Search
 

To Download 0040062013 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0040062013 Active
Panel Grounding Clip Crimp Terminal 42172, 16-18 AWG, 301 Stainless Steel, 1.91mm (.075") Panel Thickness
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Comments Crimp Quality Equipment Product Name Crimp Terminals 42172 (2) 18 AWG, or (1) 18 and (1) 16 AWG Yes Panel Grounding Clip
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Gender Material - Metal Material - Plating Mating Packaging Type Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Female Stainless Steel Unplated Reel Crimp or Compression 3.00mm (.118") max 16, 18 N/A
Electrical
CSA UL LR19980 E126412
Material Info
Old Part Number 42172C Search Parts in this Series 42172Series SD-42172-** Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Mini-MacTM 0638913000 Applicator
Reference - Drawing Numbers
Sales Drawing
This document was generated on 03/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0040062013

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X