Part Number Hot Search : 
R12P12D 2N5229 X0402XX N4210 TDA1002 TUF303 S1100 55C24
Product Description
Full Text Search
 

To Download 0039000428 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000428 Active
minifit_jr 4.20mm (.165") Pitch Mini-FitTM Crimp Terminal, Female, with Selective Gold (Au) and Selective Tin (Sn) over Nickel (Ni), 18-24 AWG, Reel
Documents: Test Summary (PDF) Drawing (PDF) Product Specification PS-51010-007 (PDF) Product Specification PS-52034-005 (PDF)
Product Specification PS-5556-001 (PDF) Product Specification PS-5556-002 (PDF) Product Specification PS-5556-003 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 5556 Yes minifit_jr Mini-Fit(R)
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Receptacle Brass Gold Nickel Reel 30 0.76 100 2.54 Crimp or Compression 1.30-3.10mm (.051-.122") 18, 20, 22, 24 N/A
Search Parts in this Series 5556Series Mates With 5558 Male Crimp Terminals. Mini-Fit Jr.TM Header, Dual Row, 5566 , 5569 Use With 5557 Mini-Fit Jr.TM Receptacle Housing Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # FineAdjustTM 0639015600 Applicator for Mini-Fit Jr.TM, Mini-Fit HCSTM Crimp Terminals, 18-24 AWG and smaller insulation
Electrical
Current - Maximum per Contact Voltage - Maximum 9A 600V
Material Info
Old Part Number 5556GS7F
Reference - Drawing Numbers
Product Specification PS-51010-007, PS-52034-005, PS-5556-001, PS-5556-002, PS-5556-003, RPS-501609-001, RPS-501609-002 SD-5556-006 TS-5556-002
Sales Drawing Test Summary
T2 Terminator Die FineAdjustTM Applicator FineAdjustTM Applicator, Small Insulation T2 Terminator Tooling Die Extraction Tool Hand Crimp Tool for Mini-FitTM Jr. Male and Female Crimp Terminals, 16-24 AWG
0639102600 0639002600 0639002900
0639102900 0011030044 0638190900
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000428

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X