Part Number Hot Search : 
F11NM OA4ZHA MSG10407 BU4845G 12150 6100CT MB252W 74LVCH16
Product Description
Full Text Search
 

To Download 0039000220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000220 Active
minifit_jr 4.20mm (.165") Pitch Mini-FitTM Crimp Terminal, Male, Phosphor Bronze, Gold (Au), 18-24 AWG, Bag
Documents: Test Summary (PDF) Drawing (PDF) Product Specification PS-5556-001 (PDF)
Product Specification PS-5556-002 (PDF) Product Specification PS-5556-003 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 5558 Yes minifit_jr Mini-Fit(R)
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Male Phosphor Bronze Gold Tin Bag Crimp or Compression 1.30-3.10mm (.051-.122") 18, 20, 22, 24 N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 9A 600V Search Parts in this Series 5558Series Mates With 5556 Mini-FitTM Crimp Terminal Use With 5559 Mini-Fit Jr.TM Plug Housing, 30068 Mini-Fit TPATM Plug Housing, 42475 Mini-Fit BMITM Plug Housing Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Extraction Tool 0011030044 Hand Crimp Tool for 0638190900 Mini-FitTM Jr. Male and Female Crimp Terminals, 16-24 AWG
Material Info
Old Part Number 5558PBGSL
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-5556-003 PS-5556-001, PS-5556-002, PS-5556-003 SD-5558-002 TS-5556-002
Japan Description Handtool (Straight Action) Hand Crimp Tool
Product # 0570225500 0570265000
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X