Part Number Hot Search : 
INDUSTRY FM24C128 L9704D SMA5J22A C1455 UNR32A1 M28W800T 4VHC1G
Product Description
Full Text Search
 

To Download 0039000083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000083 Active
minifit_jr 4.20mm (.165") Pitch Mini-FitTM Crimp Terminal, Male, Phosphor Bronze, Tin (Sn), 16 AWG, Reel
Documents: Test Summary (PDF) Drawing (PDF) Product Specification PS-5556-001 (PDF)
Product Specification PS-5556-002 (PDF) Product Specification PS-5556-003 (PDF) RoHS Certificate of Compliance (PDF)
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name Crimp Terminals 5558 Yes minifit_jr Mini-Fit(R)
Physical
Durability (mating cycles max) Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm 30 Male Phosphor Bronze Tin Tin Reel 36 0.90 36 0.90 Crimp or Compression 1.80-3.10mm (.071-.122") 16 N/A
Search Parts in this Series 5558Series Mates With 5556 Mini-FitTM Crimp Terminal Use With 5559 Mini-Fit Jr.TM Plug Housing Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # FineAdjustTM 0639015300 Applicator for Mini-Fit Jr.TM, Mini-Fit HCSTM Crimp Terminals, 16 AWG and smaller insulation T2 Terminator 0639102800 Tooling Die
Electrical
Current - Maximum per Contact Voltage - Maximum 9A 600V
Material Info
Old Part Number 5558PBT3
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-5558-001 PS-5556-001, PS-5556-002, PS-5556-003 SD-5558**** TS-5556-002
FineAdjustTM Applicator FineAdjustTM Applicator T2 Terminator Tooling Die Extraction Tool Hand Crimp Tool for Mini-FitTM Jr. Male and Female Crimp Terminals, 16-24 AWG
0639002800 0639003000 0639103000 0011030044 0638190900
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X